PART |
Description |
Maker |
SP3222EEY/TR SP3222ECT-L SP3222EEA/TR SP3222EEA-L |
DUAL LINE TRANSCEIVER, PDSO18 DUAL LINE TRANSCEIVER, PDSO20
|
Exar Corporation
|
ST3222ECTR |
DUAL LINE TRANSCEIVER, PDSO20
|
STMICROELECTRONICS
|
SP385EEA-L/TR SP385E SP385EEA-L-TR SP385EET-L SP38 |
DUAL LINE TRANSCEIVER, PDSO20 LEAD FREE, PLASTIC, MO-153AE, SSOP-20 Enhanced 3V or 5V RS-232 Line Driver/Receiver
|
Exar Corporation Exar, Corp.
|
HIN233ECB |
LINE TRANSCEIVER, PDSO20
|
INTERSIL CORP
|
74ACT240MTCXNL 74ACT24008 74AC240SCX |
Octal Buffer/Line Driver with 3-STATE Outputs ACT SERIES, DUAL 4-BIT DRIVER, INVERTED OUTPUT, PDSO20 74AC240, 74ACT240 Octal Buffer/Line Driver with 3-STATE Outputs Octal Buffer/Line Driver with 3-STATE Outputs; Package: SOIC-Wide; No of Pins: 20; Container: Tape & Reel AC SERIES, DUAL 4-BIT DRIVER, INVERTED OUTPUT, PDSO20
|
Fairchild Semiconductor, Corp.
|
MAX3186CAP MAX3186CWPT MAX3186EWPT MAX3186CWP-T MA |
±15kV ESD-Protected, EMC Compliant, 230kbps RS-232 Serial Port for Modems LINE TRANSCEIVER, PDSO20
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
HIN236CBZ HIN232 HIN238CBZ-T HIN232CBZ-T HIN232CP |
5V Powered RS-232 Transmitters/Receivers; Temperature Range: 0°C to 70°C; Package: 24-SOIC T&R QUAD LINE TRANSCEIVER, PDSO24 5V Powered RS-232 Transmitters/Receivers; Temperature Range: 0°C to 70°C; Package: 16-SOIC T&R DUAL LINE TRANSCEIVER, PDSO16 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors DUAL LINE TRANSCEIVER, PDIP16 QUAD LINE TRANSCEIVER, PDSO28
|
Intersil Corporation Intersil, Corp.
|
74AC245MTC 74AC245PC 74AC245SC 74AC245SJ 74ACT245M |
Octal Bidirectional Transceiver with 3-STATE Inputs/ Outputs Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs From old datasheet system 18-Bit TTL/BTL Universal Storage Transceiver 100-HLQFP 0 to 70 CMOS, Parallel Loading, Dual, 12-Bit Multiplying DAC AC SERIES, 8-BIT TRANSCEIVER, TRUE OUTPUT, PDSO20
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
74LVTH240MTC 74LVT240MSAX 74LVT240MTCX 74LVT240MTC |
8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-SOIC -40 to 85 LVT SERIES, DUAL 4-BIT DRIVER, INVERTED OUTPUT, PDSO20 Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs LVT SERIES, DUAL 4-BIT DRIVER, INVERTED OUTPUT, PDSO20
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
MAX3222E10 MAX3222EEUP MAX3222ECUP MAX3222ECPN MAX |
卤15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers DUAL LINE TRANSCEIVER, QCC20 ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers DUAL LINE TRANSCEIVER, PDSO18 ±15kV ESD-Protected, Down to 10nA, 3.0V to 5.5V, Up to 1Mbps, True RS-232 Transceivers DUAL LINE TRANSCEIVER, PDSO20
|
http:// Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
NTB0101GW NTB0101GS NTB0101GM |
Dual supply translating transceiver; auto direction sensing; 3-state LINE TRANSCEIVER, PDSO6
|
NXP Semiconductors N.V.
|